Part Number Hot Search : 
TCET1101 MAX1681 SD219CHP IRFZ2 RB751S40 2N6230 9L28064 UPD44
Product Description
Full Text Search
 

To Download R46KN3680CKM2J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  09/2008 152 r.46 x2 class (iec 60384-14) - mkp series me ta llized p ol y pr o py lene f ilm capac i t o r self-healing pr o perti es appr o va l s . (**) enec mark has replaced all the following european national marks: table 1 standard packaging style l ead length (mm) taping style o rdering code (digit 10 to 11) p 2 (mm) fig. (no.) pitch (mm) amm o -pack amm o -pack 12.70 19.05 1 2 10.0/15.0 22.5 dq dq reel ? 500mm reel ? 500mm 12.70 19.05 1 2 10.0/15.0 22.5/27.5 ck ck loose, short leads loose, long leads loose, long leads 04 +2 25 -1/+2 30 +5 00 50 40 loose, insulated rigid leads loose, insulated fexible leads 30 +5 150 5 51 52 note: ammo-pack is the preferred packaging for taped version. for capacitor connected in serial with main line (two - phase and three - phase net) application, please read the sh o rt guide t o ch oo se the right film capacit o rs and contact our technical service for choosing the safest solution. rated voltage (k=275vac) mechanical version and packaging (table 1) tolerance: k (10%); m (20%) all dimensions are in mm e12 series available upon request (**) enec iec 60384-14 class x2 file no.v4413 ul 1414 (up to 1 f, 85c; 250vac) across-the-line file no.e97797 csa - c22.2 no.1 (up to 1 f, 85c; 250vac) across-the-line certifed for canada file no.e97797 ul 1283 (310 vac) electromagnetic interference filters file no.e85238 csa - c22.2 no.8 (310 vac) electromagnetic interference filters certifed for canada file no.e85238 gb/t 14472 class x2 file cqc03001008199 cqc03001008842 approved according to iec 60384-14 according to iec 60065 rated cap. 275 vac / 560 vdc std dimensions ? d m ax dv/dt at 390vdc part n umber b h l p (v/ s) 0.033 f 4.0 9.0 13.0 10.0 0.6 500 r46 kf 2330 - - p0 - 0.047 f 4.0 9.0 13.0 10.0 0.6 500 r46 kf 2470 - - p0 - 0.068 f 5.0 1 1.0 13.0 10.0 0.6 500 r46 kf 2680 - - p0 - 0.1 f 5.0 1 1.0 13.0 10.0 0.6 500 r46 kf 3100 - - p1 m 0.1 f 6.0 12.0 13.0 10.0 0.6 500 r46 kf 3100 - - p0 - 0.15 f 6.0 12.0 13.0 10.0 0.6 500 r46 kf 3150 - - p0 m 0.15 f 5.0 1 1.0 18.0 15.0 0.6 400 r46 ki 3150 - - p0 - 0.22 f 6.0 12.0 18.0 15.0 0.6 400 r46 ki 3220 - - p0 - 0.33 f 7.5 13.5 18.0 15.0 0.6 400 r46 ki 3330 - - p0 - 0.33 f 9.0 12.5 18.0 15.0 0.6 400 r46 ki 3330 - - p1 0.33 f 6.0 17.5 18.0 15.0 0.6 400 r46 ki 3330 - - p2 - 0.47 f 8.5 14.5 18.0 15.0 0.6 400 r46 ki 3470 - - p0 0.47 f 9.0 12.5 18.0 15.0 0.6 400 r46 ki 3470 - - p1 m 0.47 f 6.0 17.5 18.0 15.0 0.6 400 r46 ki 3470 - - p2 m 0.47 f 7.5 18.5 18.0 15.0 0.8 400 r46 ki 3470 - - p3 - 0.68 f 10.0 16.0 18.0 15.0 0.8 400 r46 ki 3680 - - p1 m 0.68 f 11.0 19.0 18.0 15.0 0.8 400 r46 ki 3680 - - p0 - 0.82 f 11.0 19.0 18.0 15.0 0.8 400 r46 ki 3820 - - p0 m 0.47 f 6.0 15.0 26.5 22.5 0.8 200 r46 kn 3470 - - p1 - 0.56 f 6.0 15.0 26.5 22.5 0.8 200 r46 kn 3560 - - p1 m 0.56 f 7.0 16.0 26.5 22.5 0.8 200 r46 kn 3560 - - p0 - 0.68 f 7.0 16.0 26.5 22.5 0.8 200 r46 kn 3680 - - p0 - 1.0 f 8.5 17.0 26.5 22.5 0.8 200 r46 kn 4100 - - p1 m 1.0 f 10.0 18.5 26.5 22.5 0.8 200 r46 kn 4100 - - p0 - 1.5 f 10.0 18.5 26.5 22.5 0.8 200 r46 kn 4150 - - p1 m 1.5 f 11.0 20.0 26.5 22.5 0.8 200 r46 kn 4150 - - p0 - 2.2 f 13.0 22.0 26.5 22.5 0.8 200 r46 kn 4220 - - p0 m 1.0 f 9.0 17.0 32.0 27.5 0.8 150 r46 kr 4100 - - p0 - 1.5 f 11.0 20.0 32.0 27.5 0.8 150 r46 kr 4150 - - p0 - 2.2 f 13.0 22.0 32.0 27.5 0.8 150 r46 kr 4220 - - p0 - 3.3 f 14.0 28.0 32.0 27.5 0.8 150 r46 kr 4330 - - p0 - 4.7 f 14.0 28.0 32.0 27.5 0.8 150 r46 kr 4470 - - p1 m 4.7 f 18.0 33.0 32.0 27.5 0.8 150 r46 kr 4470 - - p0 - 6.8 f 22.0 37.0 32.0 27.5 0.8 150 r46 kr 4680 - - p0 - 2.2 f 11.0 22.0 41.5 37.5 1.0 100 r46 kw 4220 - - p0 - 3.3 f 13.0 24.0 41.5 37.5 1.0 100 r46 kw 4330 - - p0 - 4.7 f 16.0 28.5 41.5 37.5 1.0 100 r46 kw 4470 - - p0 - 6.8 f 19.0 32.0 41.5 37.5 1.0 100 r46 kw 4680 - - p0 - 10.0 f 20.0 40.0 41.5 37.5 1.0 100 r46 kw 5100 - - p0 - not for use in series with the mains. see www.kemet.com for more information.
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: kemet: ? r463r422000m1k? r463w447000m1k? r46kf310000p1m? r46kn3680ckm1k? r46kn3680ckm1m? R46KN3680CKM2J? r46kn3680ckm2k? r46kn3680ckm2m? r46kn3680dqh1r? r46kn3680dqm1k? r46kn3680dqm1m? r46kn3680dqm2k? r46kn3680dqm2m? r46kn3680jbm1k? r46kn3680jbm1m? r46kn3680jbm2k? r46kn3680jbm2m? r46kn3680jbs0m? r46kn3680jem1m? r46kn3680jem2k? r46kn3680jhh1k? r46kn3680jhm1k? r46kn3680jhm2k? r46kn3680jhm2m? r46kn3680jlh1r? r46kn3680jlm2r? r46kn3680jpm1m? r46kn3680jpm2k? r46kn3680jpm2m? r46kn3680jum1m? r46kn382000m1k? r46kn3820jem1k? r46kn410000h1k? r46kn410000h1m? r46kn410000m1k? r46kn410000m1m? r46kn410000n1k? r46kn410000n1m? r46kn410040m1m? r46kn410040n1m? r46kn410040n2m? r46kn410040z1m? r46kn410040z2m? r46kn410045h1m? r46kn410045m1k? r46kn410045m1m? r46kn410045n1k? r46kn410045n1m? r46kn410045n2m? r46kn410050h1k? r46kn410050m1k? r46kn410050m1m? r46kn410050n2m? r46kn410052m1m? r46kn410055h1m? r46kn410055m1k? r46kn410055m1m? r46kn4100ckh1k? r46kn4100ckh1r? r46kn4100ckn1k? r46kn4100dqn1k? r46kn4100dqn2m? r46kn4100jbm1k? r46kn4100jbm1m? r46kn4100jbn1k? r46kn4100jbn1m? r46kn4100jem1k? r46kn4100jem1m? r46kn4100jen2m? r46kn4100jhm1k? r46kn4100jhm1m? r46kn4100jhn2m? r46kn4100jlm1m? r46kn4100jpm1m? r46kn4100jpn1m? r46kn4100jpn2m? r46kn415040p1m? r46kn418040p1m? r46kn422040p0m? r46kr422050m1k? r46kr4150jbm1k? r46kr4100jpm1m? r46kr4100jbm1k? r46kr4220jbm1k? r46kr422000m2m? r46ki3100dqs1m? r46kr415000m1m? r46kf210050n0k? r46kf310050p0k? r46ki3470jbm1k? r46kr368050m1k? r46kr4100zem1k? r46kr415050m1k? r46kr422040m2m? r46kr433050m2k? r46kr447050m2k? r46kr410045m1m? r463f3100dqm1m? r463i310000m1k? r463i322000m2k


▲Up To Search▲   

 
Price & Availability of R46KN3680CKM2J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X